Part Number Hot Search : 
MBRD330 TN0205A KWTS907 E002663 55000 1C41AH MAX66 NT68520
Product Description
Full Text Search
 

To Download RF-3333SH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RF Series, 1.25 Watt, DIP8 (Single & Dual Output) Features

Industry Standard Pinout 1kVDC & 2kVDC Isolation No Heatsink Required

No Extern. Components Required Custom Solutions Available
UL94V-0 Package Material
Selection Guide
Part Number DIP 8 RF-XX3.3S RF-XX05S RF-XX09S RF-XX12S RF-XX15S RF-XX24S Input Voltage (VDC) 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 9 12 15 24 3.3 5 9 12 15 24 Output Current (mA) 378 250 140 104 84 52 189 125 70 52 42 26 Efficiency (%) 70 70 78 79 80 80 70 70 75 78 80 80
(2kV) (H) (H) (H) (H) (H) (H)
RF-XX3.3D (H) RF-XX05D RF-XX09D RF-XX12D RF-XX15D RF-XX24D (H) (H) (H) (H) (H)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight Single output types Dual output types August 2002 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% Capacitor Type 5% 1,2%/1% V Input 20% max. 15% max. 10% max.
Output Power (Watts) 2.50 1.75 1.25 Safe Operating Area 0.75 0 -40 0 50 100 125 150 85 Operating Temperature C
100mVp-p max. 70% min. 1.000VDC min. (also available with 2.000VDC, Suffix H") 10 G min. 30pF min./80pF max. 1 Second 100kHz typ. -40C to +85C (see Graph) -55C to +125C 1.8g 1.9g
www.recom-international.com
EC 47
ECONOLINE - DC/DC-Converter
RF Series, 1.25 Watt, DIP8 (Single & Dual Output) Package Style and Pinning (mm)
8 PIN DIP Package
12.60
RF-0505D RECOM ****
3rd angle projection 12.60
RF-0505S RECOM ****
10.10
10.10
7.62
7.62
3.25
o 0.51 typ. 5.08
3.05
dia 0.51 typ. 5.08
7.62
4 1 Bottom View 65 8
1
4
7.62
o 0.51 typ.
Bottom View 8 -V
2.54
6
5
Recommended Footprint Details
Pin Connections Pin # Single 1 -Vin 4 +Vin 5 +Vout 6 NC 8 -Vout NC = No Connection Dual -Vin +Vin +Vout Com -Vout XX.X 0.5 mm XX.XX 0.25 mm
2.54
2.54
1.00o+0.15/-0
EC 48
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RF-3333SH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X